PART |
Description |
Maker |
S9979 |
CCD area image sensor TDI operation / large active area CCD
|
Hamamatsu Corporation
|
VTH2090 VTH2091 |
LARGE AREA PIN PHOTODIODE
|
PerkinElmer Optoelectro... PERKINELMER[PerkinElmer Optoelectronics] http://
|
SU200-01A-TO SU200-01A-SM |
Large Area InGaAs APDs
|
List of Unclassifed Manufacturers ETC[ETC] N.A.
|
630-70-72-571 |
Cooled - Large Area APDs
|
Advanced Photonix
|
S3901-1024Q-15 |
Large active area type with 51.2 mm detection length
|
Hamamatsu Corporation
|
S9295-01 S9295 |
Large area photodiode integrated with op amp and TE-cooler
|
Hamamatsu Corporation
|
SD630-70-74-500 |
Non-Cooled Large Area Blue Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
SD394-70-74-591 |
Cooled Large Area Blue Silicon Avalanche Photodiode
|
Advanced Photonix, Inc.
|
HLMP-3750-L0001 HLMP-3750-L00B1 HLMP-3850-KLB00 HL |
Half pitch interface connectors (HRS unique); HRS No: 230-1553-3 00; Contact Mating Area Plating: Gold 的T 1毫米),高强度LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 4毫米)。超高亮LED T-1 3/4 (5 mm). Ultra-Bright LED Lamp 的T 1 3 / 45毫米)。超高亮LED T-1 3/4 (5mm). Ultra Bright LED Lamp 的T 1 3 / 4mm)的。超高亮度发光二极管 T-1 (3mm) Ultra-Bright LED Lamp 的T 1毫米)超亮LED
|
Avago Technologies, Ltd. TE Connectivity, Ltd.
|
C9252DK-14 |
Flat panel sensor Large area with tiling construction, high-speed frame rate
|
Hamamatsu Corporation
|
S1723-05 S1722-02 |
Si PIN photodiode Large area, high-speed PIN photodiodes for UV to near IR photometry
|
Hamamatsu Photonics
|